전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2972 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN2972
상세설명  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 데이터시트(HTML) 5 Page - STMicroelectronics

  AN2972 Datasheet HTML 1Page - STMicroelectronics AN2972 Datasheet HTML 2Page - STMicroelectronics AN2972 Datasheet HTML 3Page - STMicroelectronics AN2972 Datasheet HTML 4Page - STMicroelectronics AN2972 Datasheet HTML 5Page - STMicroelectronics AN2972 Datasheet HTML 6Page - STMicroelectronics AN2972 Datasheet HTML 7Page - STMicroelectronics AN2972 Datasheet HTML 8Page - STMicroelectronics AN2972 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AN2972
Operating mode
Doc ID 15629 Rev 6
5/25
Operating mode
Integrating the M24LRxx-R or M24LRxxE-R in an application is simple: on the I2C side,
there is no specific design requirement as the device interfaces exactly as any serial I2C
EEPROM device. On the RF side, the M24LRxx-R or M24LRxxE-R needs to be connected
to an external antenna to operate.
Figure 2.
M24LRxx-R or M24LRxxE-R operating modes
The design principle of the M24LRxx-R or M24LRxxE-R antenna is very simple: the external
antenna inductance (Lantenna) that needs to be designed on board the PCB should match
the M24LRxx-R or M24LRxxE-R internal tuning capacitance (Ctuning) in order to create a
circuit resonating at 13.56 MHz. The basic equation of the tuning frequency is:
f
tuning
1
2
Π
L
antenna
C
tuning
×
×
------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com