전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2991 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 AN2991
상세설명  Single-phase induction motor drive for refrigerator compressor application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2991 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button AN2991 Datasheet HTML 6Page - STMicroelectronics AN2991 Datasheet HTML 7Page - STMicroelectronics AN2991 Datasheet HTML 8Page - STMicroelectronics AN2991 Datasheet HTML 9Page - STMicroelectronics AN2991 Datasheet HTML 10Page - STMicroelectronics AN2991 Datasheet HTML 11Page - STMicroelectronics AN2991 Datasheet HTML 12Page - STMicroelectronics AN2991 Datasheet HTML 13Page - STMicroelectronics AN2991 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Doc ID 15772 Rev 2
13/14
AN2991
Conclusion
14
4
Conclusion
Reliable electronic thermostats can now be used instead of older bimetallic solutions. This
allows large efficiency gains to be achieved, thanks to the PTC removal and to a tighter
temperature management.
These improvements can also allow downsizing of the compressor and the evaporator.
Switching to MCU based controls will allow higher flexibility and adaptability, and will help
enhance the differentiation of appliances. Automatic routines (like defrost cycle) can be
implemented and the end-user interface can be improved (temperature information, open
door warning, temperature alarm, smooth light-up of the internal bulb by electronic dimming,
etc.).
In terms of cost, electronics can now be competitive with electromechanical devices. A
complete thermostat board, plus the sensor, can reach a cost similar to electromechanical
thermostats. Furthermore, some features, such as extended life time or spark-free
operation, come for free with electronics.
5
Revision history
Table 2. Document revision history
Date
Revision
Changes
29-May-2008
1
First issue under new code. Previously published as AN1354.
05-Sep-2013
2
Updated Figure 4 and Figure 7. Replaced ACST6 with ACST610.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14