전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2991 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN2991
상세설명  Single-phase induction motor drive for refrigerator compressor application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2991 데이터시트(HTML) 5 Page - STMicroelectronics

  AN2991 Datasheet HTML 1Page - STMicroelectronics AN2991 Datasheet HTML 2Page - STMicroelectronics AN2991 Datasheet HTML 3Page - STMicroelectronics AN2991 Datasheet HTML 4Page - STMicroelectronics AN2991 Datasheet HTML 5Page - STMicroelectronics AN2991 Datasheet HTML 6Page - STMicroelectronics AN2991 Datasheet HTML 7Page - STMicroelectronics AN2991 Datasheet HTML 8Page - STMicroelectronics AN2991 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Doc ID 15772 Rev 2
5/14
AN2991
Single-phase induction motor drive topologies
14
When dealing with the current rating for AC semiconductor switches, the rate of decrease of
the current must also be checked. This constraint will depend on the chosen circuit topology.
The worst case of turn-off stress appears with a compressor without any start capacitor. In
this case, the rise in voltage will not be slowed by the motor capacitor. The higher stress
occurs for the “START” winding (where the impedance is lower than the “RUN” winding one)
and when the rotor is stalled. These two conditions yield a higher current and therefore, a
higher rate of decrease for the ACST current.
Then, for a stalled 150 W compressor, supplied with a 264 V rms voltage, the dI/dtc and
dV/dtc equal respectively 2.4 A/ms and 9.6 V/µs through the start ACST (see Figure 5,
measured with THERM01EVAL board). This is far below the maximum ratings for ACST610
devices, which is 3.5 A/ms with a 15 V/µs rate.
Figure 5. Turn-off constraint for the worst case scenario
1.3
Protective inductor
With the two Triac topology, a spurious discharge of the start capacitor can occur when the
start Triac is accidentally turned on. To reduce the dI/dt stress through the silicon switch, a
small protective inductor can be added in series with this Triac.
In order to optimize the solution cost, this inductor can be implemented on the printed circuit
board (PCB). For example, an inductor with 12 turns of 0.51 mm width track (see Figure 6),
made on a 35 µm FR4 PCB, produces a 5 µH inductor and a 1.6
 resistor.
dI/dt = 2.4 A/ms
dV/dt = 9.6 V/µs
dI/dt = 2.4 A/ms
dV/dt = 9.6 V/µs
dI/dt = 2.4 A/ms
dV/dt = 9.6 V/µs
dI/dt = 2.4 A/ms
dV/dt = 9.6 V/µs
dI/dt = 2.4 A/ms
dV/dt = 9.6 V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com