전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2991 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 AN2991
상세설명  Single-phase induction motor drive for refrigerator compressor application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2991 데이터시트(HTML) 2 Page - STMicroelectronics

  AN2991 Datasheet HTML 1Page - STMicroelectronics AN2991 Datasheet HTML 2Page - STMicroelectronics AN2991 Datasheet HTML 3Page - STMicroelectronics AN2991 Datasheet HTML 4Page - STMicroelectronics AN2991 Datasheet HTML 5Page - STMicroelectronics AN2991 Datasheet HTML 6Page - STMicroelectronics AN2991 Datasheet HTML 7Page - STMicroelectronics AN2991 Datasheet HTML 8Page - STMicroelectronics AN2991 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Single-phase induction motor drive topologies
AN2991
2/14
Doc ID 15772 Rev 2
1
Single-phase induction motor drive topologies
1.1
One or two Triac approach
Single-phase induction motors, used for compressor controls, have an auxiliary winding.
This winding permits a higher torque to be applied at start-up. Two different ways can be
implemented to control this auxiliary winding. The different topologies are given in Figure 1
and Figure 2.
The most popular method is to add a positive temperature coefficient (PTC) resistor in
series with this coil and the thermostat (see Figure 1). Then, each time the thermostat is
closed, the current flows through the start winding and begins to heat the PTC. After a few
hundreds of milliseconds, the PTC value rapidly increases from a few ohms to several tens
of thousands of ohms. This results in reducing the start winding current to a few tens of mA.
This winding can then be considered as open.
A second solution is to use a second Triac to control the auxiliary winding and replace the
PTC function (see Figure 2). Then, at off state no power is consumed to keep the PTC hot,
this results in improving the appliance efficiency (see Section 3.2.1: PTC losses).
A start capacitor is sometimes connected in series with this winding in location
➀ (see
Figure 1 and Figure 2). It is important to note, even for the same motor, that this capacitor
can be placed or removed, without disturbing the motor operation.
When the capacitor is placed in location
➁ (split-phase capacitor), it always sinks a current,
even when the PTC is hot or when the start Triac is off. This allows power factor
improvement and power consumption reduction. The capacitor C will be added if the
refrigerator or freezer does not reach the required efficiency level without it.
In the following study, we assume that C is always placed at location
➁, if present.
Figure 1. One Triac topology
C
VAC
1
PTC
2
T(°C) Klixon
Run ACST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com