| 전자부품 데이터시트 검색엔진 |
|
AN3114 데이터시트(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3114 데이터시트(HTML) 18 Page - STMicroelectronics |
|
18 / 43 page ![]() Integrated LCD controller AN3114 18/43 Doc ID 16829 Rev 3 3 Integrated LCD controller 3.1 Benefits of integrated LCD controllers The medium density STM8AL3Lxx devices, medium density STM8L152xx devices, medium+ density STM8L152xx devices, and high density STM8L152xx/STM8L162xx integrate an LCD control module that offers various advantages, including its overall design optimized to achieve an immediate reduction in component count and board space saving, and thus reducing the total system cost and power consumption. The LCD controller is composed of three main blocks (see Figure 10: Medium density LCD controller block diagram and Figure 11: Medium+ and high density LCD controller block diagram): ● The frequency generator ● The common/segments driver ● The contrast controller Figure 10. Medium density LCD controller block diagram LCDCLK LCD RAM (14x8 bits) COM0 COM3 SEG27 SEG0 VLCD VSS SEG[27:0] COM[3:0] PS[3:0] DIV[3:0] LCDCLK/65536 LCDCLK ck_div CLOCK MUX Divide by 16 to 31 EN HD Analog switch array CONTRAST CONTROLLER LCD REGS VOLTAGE GENERATOR CC[2:0] 1/3 VLCD 2/3 VLCD 1/2 VLCD COM DRIVER SEG DRIVER B2 Interrupt PULSE GEN ck_ps I/O Ports Analog booste r READY VSEL STATIC 28 16-bit Prescaler LCD REGS FREQUENCY GENERATOR FREQUENCY GENERATOR FREQUENCY GENERATOR COMMON/SEGMENT DRIVER COMMON/SEGMENT DRIVER CONTRAST CONTROLLER CONTRAST CONTROLLER |