| 전자부품 데이터시트 검색엔진 |
|
AN3128 데이터시트(PDF) 88 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 데이터시트(HTML) 88 Page - STMicroelectronics |
|
88 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 88/105 Doc ID 16918 Rev 5 4.6.35 TSC_Read HAL function Table 74 describes the TSC_Read function of the hardware abstraction layer. 4.6.36 TSC_FLASH_Unlock HAL function Table 75 describes the TSC_FLASH_Unlock function of the hardware abstraction layer. 4.6.37 TSC_FLASH_ClearFlag HAL function Table 76 describes the TSC_FLASH_ClearFlag function of the hardware abstraction layer. Table 74. TSC_Read Name Description Function name TSC_Read Function prototype void TSC_Read (void) Behavior description Reads the coordinates of the point touched and assigns their value to the variables uint32_t_TSXCoordinate and uint32_t_TSYCoordinate Input parameter {x} None Output parameter {x} None Return value None Required preconditions None Called functions None Table 75. TSC_FLASH_Unlock Name Description Function name TSC_FLASH_Unlock Function prototype void TSC_FLASH_Unlock (void) Behavior description Unlocks the Flash program erase controller Input parameter {x} None Output parameter {x} None Return value None Required preconditions None Called functions None Table 76. TSC_FLASH_ClearFlag Name Description Function name TSC_FLASH_ClearFlag Function prototype void TSC_FLASH_ClearFlag (uint16_t FLASH_FLAG) Behavior description Clears the Flash’s pending flags. |