| 전자부품 데이터시트 검색엔진 |
|
AN3128 데이터시트(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 데이터시트(HTML) 91 Page - STMicroelectronics |
|
91 / 105 page ![]() AN3128 Multi-input embedded GUI library firmware Doc ID 16918 Rev 5 91/105 4.6.42 GL_LCD_ReadRAM HAL function Table 81 describes the GL_LCD_ReadRAM function of the hardware abstraction layer. 4.6.43 GL_RCC_APBPeriphClockCmd HAL function Table 82 describes the GL_RCC_APBPeriphClockCmd function of the hardware abstraction layer. Input parameter {x} GPIOx: where x can be B or D to select the GPIO peripheral. CtrlPins: the control line. This parameter can be: – LCD_CtrlPin_NCS: chip select pin (PB.02) – CtrlPin_NWR: read/write selection pin (PD.15) – CtrlPin_RS: register/RAM selection pin (PD.07) BitVal: specifies the value to be written to the selected bit. This parameter can be: – GL_LOW: to clear the port pin – GL_HIGH: to set the port pin Output parameter {x} None Return value None Required preconditions None Called functions None Table 80. GL_LCD_CtrlLinesWrite (continued) Name Description Table 81. GL_LCD_ReadRAM Name Description Function name GL_LCD_ReadRAM Function prototype GL_uint16_t GL_LCD_ReadRAM (void) Behavior description Reads the LCD RAM Input parameter {x} None Output parameter {x} None Return value LCD RAM value. Required preconditions None Called functions None Table 82. GL_RCC_APBPeriphClockCmd Name Description Function name GL_RCC_APBPeriphClockCmd Function prototype void GL_RCC_APBPeriphClockCmd (GL_uint32_t RCC_APBPeriph, GL_FunctionalState NewState, uint8_t APB_Selector) |