| 전자부품 데이터시트 검색엔진 |
|
AN3128 데이터시트(PDF) 93 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 데이터시트(HTML) 93 Page - STMicroelectronics |
|
93 / 105 page ![]() AN3128 Multi-input embedded GUI library firmware Doc ID 16918 Rev 5 93/105 Input parameter {x} - RCC_AHBPeriph: specifies the AHB peripheral to gate its clock. For @b STM32_Connectivity_line_devices, this parameter can be any combination of the following values: – RCC_AHBPeriph_DMA1 – RCC_AHBPeriph_DMA2 – RCC_AHBPeriph_SRAM – RCC_AHBPeriph_FLITF – RCC_AHBPeriph_CRC – RCC_AHBPeriph_OTG_FS – RCC_AHBPeriph_ETH_MAC – RCC_AHBPeriph_ETH_MAC_Tx – RCC_AHBPeriph_ETH_MAC_Rx For @b other_STM32_devices, this parameter can be any combination of the following values: – RCC_AHBPeriph_DMA1 – RCC_AHBPeriph_DMA2 – RCC_AHBPeriph_SRAM – RCC_AHBPeriph_FLITF – RCC_AHBPeriph_CRC – RCC_AHBPeriph_FSMC – RCC_AHBPeriph_SDIO – NewState: new state of the specified peripheral clock. This parameter can be: Enable or Disable Output parameter {x} None Return value None Required preconditions None Called functions None Table 83. GL_RCC_AHBPeriphClockCmd (continued) Name Description |