전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3270 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 AN3270
상세설명  Using the STM8L16x AES hardware accelerator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3270 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button AN3270 Datasheet HTML 13Page - STMicroelectronics AN3270 Datasheet HTML 14Page - STMicroelectronics AN3270 Datasheet HTML 15Page - STMicroelectronics AN3270 Datasheet HTML 16Page - STMicroelectronics AN3270 Datasheet HTML 17Page - STMicroelectronics AN3270 Datasheet HTML 18Page - STMicroelectronics AN3270 Datasheet HTML 19Page - STMicroelectronics AN3270 Datasheet HTML 20Page - STMicroelectronics AN3270 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AN3270
AES block processing
Doc ID 17919 Rev 2
17/23
3.3
Using the software implementation of AES chaining modes
An example is available in the firmware associated with this application note to show you
how to add a chaining mode implementation to your application.
The example performs both encryption and decryption of a text entered through
hyperterminal (or a compatible communication software) using the available chaining
modes. The key is stored in the data EEPROM of the STM8L16x device.
Figure 14. below gives a screenshot of encryption/decryption selection.
Figure 14.
Encryption / decryption selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23