전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3270 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 AN3270
상세설명  Using the STM8L16x AES hardware accelerator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3270 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button AN3270 Datasheet HTML 15Page - STMicroelectronics AN3270 Datasheet HTML 16Page - STMicroelectronics AN3270 Datasheet HTML 17Page - STMicroelectronics AN3270 Datasheet HTML 18Page - STMicroelectronics AN3270 Datasheet HTML 19Page - STMicroelectronics AN3270 Datasheet HTML 20Page - STMicroelectronics AN3270 Datasheet HTML 21Page - STMicroelectronics AN3270 Datasheet HTML 22Page - STMicroelectronics AN3270 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AN3270
AES block processing
Doc ID 17919 Rev 2
19/23
/* Pad the buffer with defined pad character */
while(counter < (nbrblocks + 1) * 16)
{
pText[counter] = PAD_CHARACTER;
counter++;
}
Another buffer is created dynamically to store the result of encryption or decryption
(depending on the user selection)
if (CryptoMode == CRYPTO_MODE_ENCRYPTION)
{
/* Pad the received buffer */
BufferInit(RxBuffer, &TextSize);
/* PlainText points at the received buffer */
PlainText = RxBuffer;
/* Allocate memory space */
CipherText = (uint8_t*) malloc(TextSize);
......
......
else
{
/* Pad the received buffer */
BufferInit(RxBuffer, &TextSize);
/* CipherText points at the received buffer */
CipherText = RxBuffer1;
/* Allocate memory space */
PlainText = (uint8_t*) malloc(TextSize);
......
......
Once the input text is encrypted or decrypted, both plain text and cipher text are displayed.
Plain text is displayed in ASCII format and the cipher text is displayed in both ASCII and hex
format (because cipher text may include non-printable characters).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23