전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3427 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN3427
상세설명  Migrating a microcontroller application from STM32F1 to STM32F2 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3427 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN3427 Datasheet HTML 10Page - STMicroelectronics AN3427 Datasheet HTML 11Page - STMicroelectronics AN3427 Datasheet HTML 12Page - STMicroelectronics AN3427 Datasheet HTML 13Page - STMicroelectronics AN3427 Datasheet HTML 14Page - STMicroelectronics AN3427 Datasheet HTML 15Page - STMicroelectronics AN3427 Datasheet HTML 16Page - STMicroelectronics AN3427 Datasheet HTML 17Page - STMicroelectronics AN3427 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Peripheral migration
AN3427
14/52
Doc ID 019001 Rev 1
USB OTG HS
AHB1
0x40040000
NA
NA
ETHERNET MAC
0x40028000
AHB
0x40028000
DMA2
0x40026400
0x40020400
DMA1
0x40026000
0x40020000
BKPSRAM
0x40024000
NA
NA
Flash interface
0x40023C00
AHB
0x40022000
RCC
0x40023800
0x40021000
CRC
0x40023000
0x40023000
GPIO I
0x40022000
NA
NA
GPIO H
0x40021C00
NA
NA
GPIO G
0x40021800
APB2
0x40012000
GPIO F
0x40021400
0x40011C00
GPIO E
0x40021000
0x40011800
GPIO D
0x40020C00
0x40011400
GPIO C
0x40020800
0x40011000
GPIO B
0x40020400
0x40010C00
GPIO A
0x40020000
0x40010800
TIM11
APB2
0x40014800
0x40015400
TIM10
0x40014400
0x40015000
TIM9
0x40014000
0x40014C00
EXTI
0x40013C00
0x40010400
Table 3.
IP bus mapping differences between STM32 F1 and STM32 F2 series
Peripheral
STM32 F2 series
STM32 F1 series
Bus
Base address
Bus
Base address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52