| 전자부품 데이터시트 검색엔진 |
|
AN3427 데이터시트(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3427 데이터시트(HTML) 24 Page - STMicroelectronics |
|
24 / 52 page ![]() Peripheral migration AN3427 24/52 Doc ID 019001 Rev 1 UART4 UART4_Rx UART4_Tx DMA2_Channel3 DMA2_Channel5 DMA1_Channel4: stream2 DMA1_Channel4: stream4 UART5 UART5_Rx UART5_Tx DMA2_Channe4 DMA2_Channel1 DMA1_Channel4: stream0 DMA1_Channel4: stream7 I2C1 I2C1_Rx I2C1_Tx DMA1_Channe7 DMA1_Channel6 DMA1_Channel1: stream0 / stream5 DMA1_Channel1: stream6 / stream7 I2C2 I2C2_Rx I2C2_Tx DMA1_Channel5 DMA1_Channel4 DMA1_Channel7: stream2 / stream3 DMA1_Channel7: stream7 I2C3 I2C3_Rx I2C3_Tx NA DMA1_Channel3: stream2 DMA1_Channel3: stream4 SDIO SDIO DMA2_Channel4 DMA2_Channel4: stream3 / stream6 TIM1 TIM1_UP TIM1_CH1 TIM1_CH2 TIM1_CH3 TIM1_CH4 TIM1_TRIG TIM1_COM DMA1_Channel5 DMA1_Channel2 DMA1_Channel3 DMA1_Channel6 DMA1_Channel4 DMA1_Channel4 DMA1_Channel4 DMA2_Channel6: stream5 DMA2_Channel0: stream6 / DMA2_Channel6: stream1 / stream3 DMA2_Channel0: stream6 / DMA2_Channel6: stream2 DMA2_Channel0: stream6 / DMA2_Channel6: stream6 DMA2_Channel6: stream4 DMA2_Channel6: stream 0 / stream4 DMA2_Channel6: stream4 TIM8 TIM8_UP TIM8_CH1 TIM8_CH2 TIM8_CH3 TIM8_CH4 TIM8_TRIG TIM8_COM DMA2_Channel1 DMA2_Channel3 DMA2_Channel5 DMA2_Channel1 DMA2_Channel2 DMA2_Channel2 DMA2_Channel2 DMA2_Channel7: stream1 DMA2_Channel0: stream2 / DMA2_Channel7: stream2 DMA2_Channel0: stream2 / DMA2_Channel7: stream3 DMA2_Channel0: stream2 / DMA2_Channel7: stream4 DMA2_Channel7: stream7 DMA2_Channel7: stream7 DMA2_Channel7: stream7 TIM2 TIM2_UP TIM2_CH1 TIM2_CH2 TIM2_CH3 TIM2_CH4 DMA1_Channel2 DMA1_Channel5 DMA1_Channel7 DMA1_Channel1 DMA1_Channel7 DMA1_Channel3: stream1 / stream7 DMA1_Channel3: stream5 DMA1_Channel3: stream6 DMA1_Channel3: stream1 DMA1_Channel3: stream6 / stream7 TIM3 TIM3_UP TIM3_CH1 TIM3_TRIG TIM3_CH3 TIM3_CH4 TIM3_CH2 DMA1_Channel3 DMA1_Channel6 DMA1_Channel6 DMA1_Channel2 DMA1_Channel3 DMA1_Channel5: stream2 DMA1_Channel5: stream4 DMA1_Channel5: stream4 DMA1_Channel5: stream7 DMA1_Channel5: stream2 NA DMA1_Channel5: stream5 Table 7. DMA request differences between STM32 F1 series and STM32 F2 series (continued) Peripheral DMA request STM32 F1series STM32 F2 series |