| 전자부품 데이터시트 검색엔진 |
|
AN3427 데이터시트(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3427 데이터시트(HTML) 27 Page - STMicroelectronics |
|
27 / 52 page ![]() AN3427 Peripheral migration Doc ID 019001 Rev 1 27/52 Table 8. Interrupt vector differences between STM32 F1 series and STM32 F2 series Position STM32 F1 series STM32 F2 series 0 WWDG WWDG 1 PVD PVD 2 TAMPER TAMP_ STAMP 3RTC RTC_WKUP 4 FLASH FLASH 5RCC RCC 6 EXTI0 EXTI0 7 EXTI1 EXTI1 8 EXTI2 EXTI2 9 EXTI3 EXTI3 10 EXTI4 EXTI4 11 DMA1_Channel1 DMA1_Stream0 12 DMA1_Channel2 DMA1_Stream1 13 DMA1_Channel3 DMA1_Stream2 14 DMA1_Channel4 DMA1_Stream3 15 DMA1_Channel5 DMA1_Stream4 16 DMA1_Channel6 DMA1_Stream5 17 DMA1_Channel7 DMA1_Stream6 18 ADC1_2 ADC 19 CAN1_TX / USB_HP_CAN_TX (1) CAN1_TX 20 CAN1_RX0 / USB_LP_CAN_RX0 (1) CAN1_RX0 21 CAN1_RX1 CAN1_RX1 22 CAN1_SCE CAN1_SCE 23 EXTI9_5 EXTI9_5 24 TIM1_BRK / TIM1_BRK _TIM9 (1) TIM1_BRK _TIM9 25 TIM1_UP / TIM1_UP_TIM10(1) TIM1_UP_TIM10 26 TIM1_TRG_COM / TIM1_TRG_COM_TIM11 (1) TIM1_TRG_COM_TIM11 27 TIM1_CC TIM1_CC 28 TIM2 TIM2 29 TIM3 TIM3 30 TIM4 TIM4 31 I2C1_EV I2C1_EV 32 I2C1_ER I2C1_ER 33 I2C2_EV I2C2_EV |