전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM0020 데이터시트(PDF) 58 Page - STMicroelectronics

부품명 PM0020
상세설명  STR91xFA Flash programming manual
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0020 데이터시트(HTML) 58 Page - STMicroelectronics

Back Button PM0020 Datasheet HTML 54Page - STMicroelectronics PM0020 Datasheet HTML 55Page - STMicroelectronics PM0020 Datasheet HTML 56Page - STMicroelectronics PM0020 Datasheet HTML 57Page - STMicroelectronics PM0020 Datasheet HTML 58Page - STMicroelectronics PM0020 Datasheet HTML 59Page - STMicroelectronics PM0020 Datasheet HTML 60Page - STMicroelectronics PM0020 Datasheet HTML 61Page - STMicroelectronics PM0020 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 87 page
background image
Known limitations
PM00020
58/87
11
Known limitations
1.
Error Status with full chip
erase for a secured device.
9-23-05
Full chip erase on a secured device is an allowable
instruction. For the current revision of silicon, if the device
is secured, full chip erase will return an error status. The
erase operation is still going on as usual. Read/Busy
status is fully working. Hence, for a full chip erase on a
secured device, work around is to ignore error status and
instead, only relies on ready/busy status to determine the
completion of full chip erase operation.
2.
ISC_READ. 9-23-05
During data shift (64 bits), TDI has to be 1 (instead of don't
care).
3.
Address skip during
ISC_READ
Pulsing of TCK during RTI state increments address,
resulting in skipping of addresses during ISC read back.
Workaround: Keep TCK unchanged during RTI.
4.
PAUSE State
If PAUSE state is entered, resuming shift from PAUSE
requires starting of shift from the beginning.
Workaround: Avoid entering of PAUSE state.
5.
Daisy chain setup
Require STR91xFA to be first in the chain.
6.
ISC-PROGRAM failure.
6-29-06
Pulsing of TCK during RTI state causes programming
failure.
Workaround: Keep TCK unchanged during RTI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87