전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM0054 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 PM0054
상세설명  How to program STM8L and STM8AL Flash program memory and data EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0054 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button PM0054 Datasheet HTML 3Page - STMicroelectronics PM0054 Datasheet HTML 4Page - STMicroelectronics PM0054 Datasheet HTML 5Page - STMicroelectronics PM0054 Datasheet HTML 6Page - STMicroelectronics PM0054 Datasheet HTML 7Page - STMicroelectronics PM0054 Datasheet HTML 8Page - STMicroelectronics PM0054 Datasheet HTML 9Page - STMicroelectronics PM0054 Datasheet HTML 10Page - STMicroelectronics PM0054 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
PM0054
Memory organization
Doc ID 15433 Rev 9
7/28
3
Memory organization
This section describes the memory organization corresponding to:
●
low density STM8L101x
●
low density STM8L051F3, STM8L151C3/K3/K2/G3/G2/F3/F2
●
medium density STM8L052C6, STM8L151C6/C4/K6/K4/G6/G4, and
STM8L152C6/C4/K6/K4
●
medium density STM8AL31xx/STM8AL3Lxx
●
medium+ density STM8L151R6 and STM8L152R6
●
high density STM8L052R8, STM8L151x8, STM8L152x8, STM8L162x8
Low density STM8L101x microcontrollers feature up to 8 Kbytes of Flash program memory
including up to 2 Kbytes of data EEPROM.
Low density STM8L05/15x microcontrollers feature from 4 to 8 Kbytes of Flash memory,
plus 256 bytes of data EEPROM.
Medium density STM8L05x microcontrollers feature from16 to 32 Kbytes of Flash memory,
plus 256 bytes of data EEPROM.
Medium density STM8AL31xx/STM8AL3Lxx microcontrollers feature from16 to 32 Kbytes of
Flash memory, plus 1 Kbyte of data EEPROM
Medium and medium+ density STM8L15x microcontrollers feature from16 to 32 Kbytes of
Flash memory, plus 1 Kbyte of data EEPROM.
High density STM8L05x microcontrollers feature 64 Kbytes of Flash memory plus 256 bytes
of data EEPROM.
High density STM8L15x/16x microcontrollers feature 64 Kbytes of Flash memory and
2 Kbytes of data EEPROM.
The memory organization differs from one STM8 family to another. Refer to Section 3.1,
Section 3.2 and Section 3.5,for a description of the memory organization according to
microcontroller family and memory density.
A memory accelerator takes advantage of parallel 4-byte storage (corresponds to a word).
The Flash program memory and data EEPROM can be erased and programmed at byte
level, word level or block level:
●
In word programming, 4 bytes are programmed/erased during the same cycle.
●
In block programming, a whole block is programmed/erased during the same cycle.
Refer to Section 3.1, Section 3.2 and Section 3.5, for information on block size according to
the devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com