전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM0054 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 PM0054
상세설명  How to program STM8L and STM8AL Flash program memory and data EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0054 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button PM0054 Datasheet HTML 20Page - STMicroelectronics PM0054 Datasheet HTML 21Page - STMicroelectronics PM0054 Datasheet HTML 22Page - STMicroelectronics PM0054 Datasheet HTML 23Page - STMicroelectronics PM0054 Datasheet HTML 24Page - STMicroelectronics PM0054 Datasheet HTML 25Page - STMicroelectronics PM0054 Datasheet HTML 26Page - STMicroelectronics PM0054 Datasheet HTML 27Page - STMicroelectronics PM0054 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
PM0054
Revision history
Doc ID 15433 Rev 9
27/28
7
Revision history
Table 12.
Document revision history
Date
Revision
Changes
07-April-2009
1
Initial release.
10-Sep-2009
2
Medium density STM8L devices added.
NMI replaced by TLI in the whole document.
Updated low density SMT8L memory description in Section 3.1: Low
density STM8L101x microcontrollers.
Updated Section 4.1: Readout protection for medium density
devices.
Updated Section 5.2: Block programming. Updated HVOFF bit
polling when programming a block of data EEPROM with RWW
capability.
Updated Section 5.3: Word programming in particular for RWW
feature and word programming sequence.
Added EOP interrupt Section 5.4: Byte programming.
Updated memory access table (Table 11).
10-Dec-2009
3
Removed proprietary code area for Medium density STM8L devices.
Removed TLI interrupt vector.
Suppressed distinction between TRAP and other interrupt vectors in
Table 11: Comparison of STM8L devices.
16-Jun-2010
4
Added high density STM8L15x/16x devices.
Updated last page address in Table 4: Medium density
STM8L05x/15x & STM8AL31xx/STM8AL3Lxx memory partition.
Specified that the last page is reserved for the main program
memory in Table 4: Medium density STM8L05x/15x &
STM8AL31xx/STM8AL3Lxx memory partition and Table 6: High
density STM8L05x/15x/16x memory partition.
Updated Section 4.3: User boot code area protection
Updated Note 1 below Table 9: MASS.
For medium density STM8L15x and high density STM8L15x/16x,
specified that ROP, UBC and PCODESIZE can be programmed only
in ICP mode/SWIM mode.
14-Sep-2010
5
Corrected readout protection enabling/disabling conditions in
Section 4.1: Readout protection.
Added medium+ density devices information
18-Feb-2011
6
Updated Table 5: Medium+ density STM8L15x/16x memory
partition.
Added information about disabling device protection in Section 4.1:
Readout protection.
05-Jul-2011
7
Added information on low density STM8L15x devices.
04-Oct-2012
8
Added information on STM8L05x devices.
Added Table 1: Applicable products on page 1.
10-Dec-2012
9
Added information on STM8AL31xx/STM8AL3Lxx devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28