전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0501 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 UM0501
상세설명  This document describes
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0501 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button UM0501 Datasheet HTML 8Page - STMicroelectronics UM0501 Datasheet HTML 9Page - STMicroelectronics UM0501 Datasheet HTML 10Page - STMicroelectronics UM0501 Datasheet HTML 11Page - STMicroelectronics UM0501 Datasheet HTML 12Page - STMicroelectronics UM0501 Datasheet HTML 13Page - STMicroelectronics UM0501 Datasheet HTML 14Page - STMicroelectronics UM0501 Datasheet HTML 15Page - STMicroelectronics UM0501 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Demonstration applications
UM0501
16/23
Doc ID 14320 Rev 3
2.11
MICROSD demo
This mode demonstrates the basic operation of the MicroSD card interface.
1.
When this mode is entered, it checks if a MicroSD card is inserted in the slot.
–
If no card is found, the message shown in Figure 16 is displayed.
Figure 16.
No card found
–
When a MicroSD card is detected, another message is displayed (see Figure 17).
Figure 17.
Card detected
2.
Then the MicroSD card is initialized, followed by a Write block (512 bytes) and a Read
block operation. See Figure 18 for the messages displayed consecutively on the LCD
screen.
Figure 18.
MicroSD card initialization
3.
When this phase is complete, the message shown in Figure 19 is displayed.
By pressing the joystick to LEFT or RIGHT, you can display the 512 bytes of data read
from the MicroSD card. The data should be equal to the address low byte.
Please
Insert MicroSD
MicroSD card
Detected
Init
PASS
Write Block
PASS
Read Block
PASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19