전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0501 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 UM0501
상세설명  This document describes
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0501 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button UM0501 Datasheet HTML 11Page - STMicroelectronics UM0501 Datasheet HTML 12Page - STMicroelectronics UM0501 Datasheet HTML 13Page - STMicroelectronics UM0501 Datasheet HTML 14Page - STMicroelectronics UM0501 Datasheet HTML 15Page - STMicroelectronics UM0501 Datasheet HTML 16Page - STMicroelectronics UM0501 Datasheet HTML 17Page - STMicroelectronics UM0501 Datasheet HTML 18Page - STMicroelectronics UM0501 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
UM0501
Demo firmware architecture
Doc ID 14320 Rev 3
21/23
5
Demo firmware architecture
This section describes the demo firmware architecture. It is divided into two parts.
●
Library: contains the firmware library source files. These files do not need to be
modified by the user.
●
Application: contains the specific files of the demonstration firmware that can be
modified.
–
stm8s_conf.h: this header file is used to configure the library
–
stm8s_it.h: header for the stm8s_it.c file
–
stm8s_it.c: this file provides all the interrupt sub-routines
–
stm8_interrupt_vector.c: this file provides the interrupt vector table
–
demo_xxx.h: header for the demo_xxx.c file
–
demo_xxx.c: this file provides all functions related to the xxx demo
–
functions.h: header for the functions.c file
–
functions.c: this file provides miscellaneous functions.
–
joystick_button.h: header for the joystick_button.c file
–
joystick_button.c: this file provides all functions related to the management of the
joystick and button
–
mono_lcd.h: header for the mono_lcd.c file
–
mono_lcd.c: this file provides LCD management functions
–
main.h: header for the main.c file
–
main.c: this file provides the main function
–
menu.h: header for the menu.c file
–
menu.c: this file provides menu functions and menu definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19