전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4030 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 AN4030
상세설명  Triacs and SCRs are power semiconductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4030 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button AN4030 Datasheet HTML 4Page - STMicroelectronics AN4030 Datasheet HTML 5Page - STMicroelectronics AN4030 Datasheet HTML 6Page - STMicroelectronics AN4030 Datasheet HTML 7Page - STMicroelectronics AN4030 Datasheet HTML 8Page - STMicroelectronics AN4030 Datasheet HTML 9Page - STMicroelectronics AN4030 Datasheet HTML 10Page - STMicroelectronics AN4030 Datasheet HTML 11Page - STMicroelectronics AN4030 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Gate to cathode capacitor, impact on dV/dt immunity
AN4030
8/15
Doc ID 022635 Rev 1
1.4
Behavior of Triacs to EFT (electrical fast transient)
To compare immunity between several Triacs (snubberless and logic level) with and without
gate to cathode capacitor, tests have been carried out in the following conditions (see
Figure 8):
●
An X2 1nF capacitor is connected at line input.
●
The PCB is 10 cm above the reference plane.
●
The Triac A2 terminal is linked to a 25 W light bulb (resistive loads are chosen in order
to reduce dI/dt rates in case of firing).
●
The gate could be left open, or connected to A1 terminal through an external gate to
cathode capacitor or connected to A1 through a 100
Ω R
G in series with a gate to
cathode capacitor.
●
No snubber circuits are added across the Triacs.
●
Ambient temperature: 25 °C.
●
The burst generator is programmed as required in the IEC 61000-4-4 standard (15 ms
burst duration, 3 Hz burst frequency, 5 kHz spike frequency, one second test duration).
Table 2.
dV/dt characterization @ 125 °C and Vpeak = 402 V for less sensitive Triac
device (IGT = 35 mA)
Without gate to cathode
capacitor
With gate to cathode
capacitor (100 nF)
Sample 1
Sample 2
Sample 1
Sample 2
dV/dt
(V/µs)
Direct
2350
1850
2350
1850
Reverse
2750
1950
2750
1950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com