전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4030 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN4030
상세설명  Triacs and SCRs are power semiconductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4030 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN4030 Datasheet HTML 5Page - STMicroelectronics AN4030 Datasheet HTML 6Page - STMicroelectronics AN4030 Datasheet HTML 7Page - STMicroelectronics AN4030 Datasheet HTML 8Page - STMicroelectronics AN4030 Datasheet HTML 9Page - STMicroelectronics AN4030 Datasheet HTML 10Page - STMicroelectronics AN4030 Datasheet HTML 11Page - STMicroelectronics AN4030 Datasheet HTML 12Page - STMicroelectronics AN4030 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AN4030
Gate to cathode capacitor, impact on dV/dt immunity
Doc ID 022635 Rev 1
9/15
Figure 8.
IEC 61000-4-4 test configuration
Table 3 and Table 4 give the test results for the two previous sample Triacs (logic level and
snubberless) with and without gate to cathode capacitor. A burst test is carried out for each
coupling mode (to line, to neutral, and to line and neutral). Only the minimum burst level
before turn-on, for all coupling modes, is recorded in these two tables.
Table 3.
IEC 61000-4-4 tests results with logic level Triac - sensitive device
(IGT = 10 mA)
Without gate to
cathode capacitor
With gate to
cathode capacitor
(100 nF)
With RG (100 Ω) and CGK (100 nF)
Sample 1 Sample 2 Sample 1 Sample 2
Sample 1
Sample 2
Minimum held
burst level (kV)
1.3
1.3
3.6
3.5
3.3
3.2
Table 4.
IEC 61000-4-4 test results with snubberless Triac - less sensitive device
(IGT = 35 mA)
Without gate to
cathode capacitor
With gate to
cathode capacitor
(100 nF)
With RG (100 Ω) and CGK (100 nF)
Sample 1 Sample 2 Sample 1 Sample 2
Sample 1
Sample 2
Minimum held
burst level (kV)
> 4.5
> 4.5
> 4.5
> 4.5
> 4.5
> 4.5
CGK
RG
1 nF
X2
L
N
Reference plane
10 cm
Burst
generator
Coupling
network
PE
PE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com