전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4030 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN4030
상세설명  Triacs and SCRs are power semiconductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4030 데이터시트(HTML) 5 Page - STMicroelectronics

  AN4030 Datasheet HTML 1Page - STMicroelectronics AN4030 Datasheet HTML 2Page - STMicroelectronics AN4030 Datasheet HTML 3Page - STMicroelectronics AN4030 Datasheet HTML 4Page - STMicroelectronics AN4030 Datasheet HTML 5Page - STMicroelectronics AN4030 Datasheet HTML 6Page - STMicroelectronics AN4030 Datasheet HTML 7Page - STMicroelectronics AN4030 Datasheet HTML 8Page - STMicroelectronics AN4030 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN4030
Gate to cathode capacitor, impact on dV/dt immunity
Doc ID 022635 Rev 1
5/15
Figure 4.
SCR simplified silicon structure and spurious capacitive current
A better solution could be found if a capacitor is used instead of a resistor. A high-voltage
gate to cathode capacitor is not necessary because only a low voltage (VGK is around 1 V
typically) is applied across this capacitor.
Figure 5 shows the typical relative dV/dt increase versus gate-cathode capacitance for an
8 A sensitive SCR series (IGT max = 0.2 mA). The SCR dV/dt could be improved more than
ten times with a 100 nF gate to cathode capacitor.
It should be noted that a gate to cathode resistor is still used in parallel with the gate to
cathode capacitor to discharge it after gate current removal.
For non–sensitive SCRs (IGT above around 5 mA), a gate to cathode capacitor does not
improve dV/dt immunity a lot. Indeed, these devices already feature a very low internal gate
to cathode resistor. So adding any external component is not very efficient to shunt the
spurious capacitive current.
N1
P2
N2
P1
Cathode (K)
Gate (G)
Anode (A)
C N1/P1
C P1/N2
C N2/P2
R
GK
ICAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com