전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4286 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 AN4286
상세설명  SPI protocol used in the STM32 bootloader
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4286 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button AN4286 Datasheet HTML 12Page - STMicroelectronics AN4286 Datasheet HTML 13Page - STMicroelectronics AN4286 Datasheet HTML 14Page - STMicroelectronics AN4286 Datasheet HTML 15Page - STMicroelectronics AN4286 Datasheet HTML 16Page - STMicroelectronics AN4286 Datasheet HTML 17Page - STMicroelectronics AN4286 Datasheet HTML 18Page - STMicroelectronics AN4286 Datasheet HTML 19Page - STMicroelectronics AN4286 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
DocID024458 Rev 2
16/38
AN4286
Bootloader command set
37
The master sends bytes to the STM32 as follows.
•
Start Of Frame: 0x5A
•
Bytes 1-2: 0x11+0xEE
•
Wait for ACK (as described in section 1)
•
Bytes 3 to 6: start address (byte 3: MSB, byte 6: LSB)
•
Byte 7: checksum: XOR (byte 3, byte 4, byte 5 and byte 6)
•
Wait for ACK (as described in section 1)
•
Byte 8: number of bytes to be read - 1 (0 < N ≤ 255);
•
Byte 9: checksum: XOR byte 8 (complement of byte 8)
Figure 12. Read Memory command: master side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38