전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4286 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 AN4286
상세설명  SPI protocol used in the STM32 bootloader
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4286 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button AN4286 Datasheet HTML 18Page - STMicroelectronics AN4286 Datasheet HTML 19Page - STMicroelectronics AN4286 Datasheet HTML 20Page - STMicroelectronics AN4286 Datasheet HTML 21Page - STMicroelectronics AN4286 Datasheet HTML 22Page - STMicroelectronics AN4286 Datasheet HTML 23Page - STMicroelectronics AN4286 Datasheet HTML 24Page - STMicroelectronics AN4286 Datasheet HTML 25Page - STMicroelectronics AN4286 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
DocID024458 Rev 2
22/38
AN4286
Bootloader command set
37
Figure 16. Write Memory command: master side
Note:
In some operating conditions, the Master has to wait for a delay of 1 ms after receiving the
Acknowledge and before sending the data frame (number of bytes to be written, data to be
written and checksum).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38