전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4286 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 AN4286
상세설명  SPI protocol used in the STM32 bootloader
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4286 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button AN4286 Datasheet HTML 26Page - STMicroelectronics AN4286 Datasheet HTML 27Page - STMicroelectronics AN4286 Datasheet HTML 28Page - STMicroelectronics AN4286 Datasheet HTML 29Page - STMicroelectronics AN4286 Datasheet HTML 30Page - STMicroelectronics AN4286 Datasheet HTML 31Page - STMicroelectronics AN4286 Datasheet HTML 32Page - STMicroelectronics AN4286 Datasheet HTML 33Page - STMicroelectronics AN4286 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
DocID024458 Rev 2
30/38
AN4286
Bootloader command set
37
2.10
Write Unprotect command
The Write Unprotect command is used to disable the write protection of all the Flash
memory sectors. When the bootloader receives the Write Unprotect command, it transmits
the ACK byte to the master. After transmission of the ACK byte, the bootloader disables the
write protection of all the Flash memory sectors. After the unprotection operation, the
bootloader transmits the ACK byte.
At the end of the Write Unprotect command, the bootloader transmits the ACK byte and
generates a system reset to take into account the new configuration of the option byte.
Figure 22. Write Unprotect command: master side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38