| 전자부품 데이터시트 검색엔진 |
|
AN4488 데이터시트(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4488 데이터시트(HTML) 40 Page - STMicroelectronics |
|
40 / 44 page ![]() Reference design AN4488 40/44 DocID026304 Rev 3 Table 12. Reference connection for all packages Pin Name Pin Numbers for packages with pins on 4 edges Pin Numbers for BGA Packages Chip Scale Packages PA13 34 46 72 105 124 147 A11 A12 E12 A15 A15 B3 D2 D4 D3 PA14 37 49 76 109 137 159 A10 A11 A11 A14 A14 A1 C3 A2 B1 PA15 38 50 77 110 138 160 A9 A10 B11 A13 A13 A2 B2 B3 C2 PB2 20 28 37 48 58 63 L6 J5 L5 M6 M5 G3 J6 J7 L7 PB3 39 55 89 133 161 192 A8 A7 B6 A10 A10 A3 A5 B6 B7 PB4 40 56 90 134 162 193 A7 A6 A6 A9 A9 A4 B5 A6 C7 PC14-OSC32_IN 3 3 8 8 9 9 D1 B1 E1 E1 E1 C7 C9 B10 D11 PC15- OSC32_OUT 4 4 9 9 10 10E1 C1 F1F1 F1 C6 D9 B9 E11 PH0 - OSC_IN 5 5 12 23 29 32 F1 D1 G2 G1 G1 D7 E9 F10 J11 PH1 - OSC_OUT 6 6 13 24 30 33 G1E1 G1 H1H1D6 F9 F9 H10 BOOT0 44 60 94 138 166 197 A4 D5 A5 D6 E6 A5 A7 A7 C9 NRST 7 7 14 25 31 34 H2 F1 H2 J1 J1 E7 D8 G10 H9 BYPASS_REG - - - - 48 - E3 H5 M1 L4 L5 - J8 D9 N11 PDR_ON - - - 143 171 203 H3 E5 C3 C6 E5 B6 B8 A8 A11 VBAT 1 1 6 6 6 6 E2 C2 E5 C1 C1 B7 B9 A10 C11 VDDA - - 22 33 39 42 M1 M1 J4 R1 R1 - - - L10 VREF+ - - 21 32 38 41 L1 L1 J3 P1 P1 - - - L11 VDDA/VREF+ 9 13 --- --- --- F7 H8 G9 - VSSA -- --- - J1 J1 J1 M1 N1 --- - VREF- - - --- - K1 K1 J2 N1 N1 --- - VSSA/VREF- 8 12 20 31 37 40 - - - - - E6 F7 H10 K10 VDDUSB33 - - - - (95) - - - C11 --- - E1 - - VDD - - - - 15 15 - - F4 F3 F4 - - - E10 VDD - - 11 17 23 26 G2D3 G8 G3H5 - - B8 - VDD - - 193036 39 - - - - J5 - H9 - G7 VDD - 19 28 39 49 52 - F4 J11 K4 K5 - - E4 J8 |