| 전자부품 데이터시트 검색엔진 |
|
AN4488 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4488 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 44 page ![]() DocID026304 Rev 3 41/44 AN4488 Reference design 43 VDD - - --- 59 -- -- L7 --- J7 VDD - - - 52 62 73 - G5 D10 N8 L8 - - - - VDD - - - 62 72 83 - G6 G10 N9 L9 - - - J5 VDD 2432 507282 94 G12 G7 F8 N10 L10 F2 J2 - J6 VDD - - - - 91 103 -- H8 J12 K11 --- - VDD - - - 84 103 115 - F8 F7 J13 J11 - - - L1 VDD - - --- 124 -- -- H11 --- - VDD - - - 95 (-) 114 137 - F10 E6 H13 G11 - - - G1 VDD 36 48 75 108 127 150 G11 F9 H4 G13 F11 B2 A1 E6 C1 VDD - - --- 158 -- D3 - E10 --- A1 VDD - - - - 136 171 - F7 D6 C9 E9 - - - C5 VDD - - - 121 149 185 - F6 L6 C8 E8 - - F7 E6 VDD - - - 131 159 204 - F5 K6 C7 E7 - A8 A1 D7 VDD 48 64 100 144 172 - - - - C5 - A7 - - - VDD - - --- - C4 - -- F5 --- - VCAP1 22 31 (30) 49 (48) 71 81 92 L11 H7 N9 M10 L11 G2 J3 F4 N2 VCAP2 - 47 (-) 73 106 125 148 C11 G9 D12 F13 E11 - C2 B1 D1 VSS - - - - 14 14 - - F6 F2 F2 --- E7 VSS - - 101622 25 F2 D2 G7 G2 H6 - - C9 H7 VSS - 18 27 38 - --- -- J6 - G8 - - VSS - - - - - 51 - G4 - -K6- -E5- VSS - - - 51 61 60 - - - M8 L6 - - - - VSS - - - 61 71 72 - - G9 M9 K7 - - - - VSS 23 - (31) - (49) -- 82 F12 H6 J6 - K8 D3 -- H3 VSS - - --- 93 -- -- K9 - H3 - H2 Table 12. Reference connection for all packages (continued) Pin Name Pin Numbers for packages with pins on 4 edges Pin Numbers for BGA Packages Chip Scale Packages |