전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1535 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 UM1535
상세설명  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 3Page - STMicroelectronics UM1535 Datasheet HTML 4Page - STMicroelectronics UM1535 Datasheet HTML 5Page - STMicroelectronics UM1535 Datasheet HTML 6Page - STMicroelectronics UM1535 Datasheet HTML 7Page - STMicroelectronics UM1535 Datasheet HTML 8Page - STMicroelectronics UM1535 Datasheet HTML 9Page - STMicroelectronics UM1535 Datasheet HTML 10Page - STMicroelectronics UM1535 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
UM1535
Working with pre-flashed software
Doc ID 023036 Rev 2
7/39
2
Working with pre-flashed software
SPEAr evaluation boards come with default embedded Linux software already stored in
(serial NOR) Flash memory, according to a pre-defined generic configuration. Using a
SPEAr board with pre-flashed software is initially useful to get familiar with the target
hardware platform and the embedded Linux environment.
This activity does not strictly require the installation of the SPEAr Linux support package
(software development environment). This can be performed later as, described in
Chapter 3 of this document.
Before powering-on target hardware, hence booting the pre-flashed software, please
carefully check the specific hardware configuration (for example, DIP switches) according to
what is described in the relevant hardware manuals.
2.1
Host PC requirements
2.1.1
Windows PC
In order to control the target hardware, use a PC with a Microsoft Windows operating
system (XP, Vista, Windows 7).
The first step is to set up a serial port for interacting with the embedded consoles (Linux
shell or U-Boot boot loader). If a RS232 serial port is not available on the PC, you can use a
USB/RS232 adapter (not provided in the kit).
The second step is to obtain a terminal emulation program. Windows comes with the built-in
HyperTerminal, but any equivalent tool can be used as an alternative. For instance, Tera
Term is an open source free application with more features and higher flexibility, especially
its scripting capability.
You can download and find more technical information about Tera Term on:
http://en.wikipedia.org/wiki/Tera_Term
In order to configure the serial port with TeraTerm;
1.
Launch the tool
2.
Click on "Setup > serial port"
The configuration must reflect that shown in Figure 2.
3.
To save the proper setting, click on "Setup > save setup".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com