전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1535 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 UM1535
상세설명  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 13Page - STMicroelectronics UM1535 Datasheet HTML 14Page - STMicroelectronics UM1535 Datasheet HTML 15Page - STMicroelectronics UM1535 Datasheet HTML 16Page - STMicroelectronics UM1535 Datasheet HTML 17Page - STMicroelectronics UM1535 Datasheet HTML 18Page - STMicroelectronics UM1535 Datasheet HTML 19Page - STMicroelectronics UM1535 Datasheet HTML 20Page - STMicroelectronics UM1535 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
UM1535
Working with pre-flashed software
Doc ID 023036 Rev 2
17/39
# DHCP Server Configuration file.
#
see /usr/share/doc/dhcp*/dhcpd.conf.sample
#
see 'man 5 dhcpd.conf'
#
default-lease-time 600;
max-lease-time 7200;
option subnet-mask 255.255.255.0;
option broadcast-address 192.168.1.255;
allow bootp; #allows kernel download using tftp
ddns-update-style ad-hoc;
subnet 192.168.1.0 netmask 255.255.255.0 {
option routers 192.168.1.1;
option subnet-mask 255.255.0.0;
option domain-name "local.net";
option domain-name-servers ns.local.net;
host SPEAr {
hardware ethernet 00:11:22:33:44:55;
fixed-address 192.168.1.10;
option host-name "SPEAR";
next-server
192.168.1.1;
filename "uImage.img"; #kernel image filename in tftp path
option root-path /opt/STM/STLinux-2.4/devkit/armv7/target/
}
}
With this configuration, the DHCP server replies to a request from a SPEAr evaluation board
with Ethernet MAC address 00:11:22:33:44:55 (just as in the example) by passing the entire
network configuration.
The "allow bootp" and "filename" parameters enable U-Boot to download and boot a kernel
image from the host using the TFTP file transfer protocol (you will need a TFTP server on
the host, see below).
In order to apply the new configuration settings, restart he DHCP server. To do this, first
check the status of the DHCP daemon using the following commands from the Linux PC
shell:
# /etc/rc.d/init.d/dhcpd status
If the DHCP daemon is stopped, start it with the following command:
# /etc/rc.d/init.d/dhcpd start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39