전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1535 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 UM1535
상세설명  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 26Page - STMicroelectronics UM1535 Datasheet HTML 27Page - STMicroelectronics UM1535 Datasheet HTML 28Page - STMicroelectronics UM1535 Datasheet HTML 29Page - STMicroelectronics UM1535 Datasheet HTML 30Page - STMicroelectronics UM1535 Datasheet HTML 31Page - STMicroelectronics UM1535 Datasheet HTML 32Page - STMicroelectronics UM1535 Datasheet HTML 33Page - STMicroelectronics UM1535 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Working with customized kernels
UM1535
30/39
Doc ID 023036 Rev 2
or change it into a comment line by putting a hash character in front of it. An example of
TFTP file configuration is shown below:
service tftp
{
socket_type
= dgram
protocol
= udp
wait
= yes
user
= root
server
= /usr/sbin/in.tftpd
server_args
= -c -v -s /tftpboot
disable
= no
per_source
= 11
cps
= 100 2
flags
= IPv4
}
Also, make sure that the /tftpboot directory exists and is word-readable (permissions at least
"dr-xr-xr-x"), and remember to disable the firewall if present (or make new rules to allow
TFTP traffic).
The firewall can be disabled as in the following example command:
# /etc/init.d/iptables stop
Please note that server_args keeps the default search path for TFTP daemon. This is useful
for specifying file names omitting this path on the TFTP client side (target). After this, restart
the xinetd daemon to force it to reload the new configuration. Type the following command
from the host PC prompt:
# service xinetd restart
Stopping xinetd: [OK]
Starting xinetd: [OK]
6.3.2
Updating the kernel on Flash memory by U-Boot
You can use U-Boot and TFTP transfer to write a new kernel image on Flash memory.
For example, use the following procedure to update the kernel on serial NOR Flash for the
SPEAR1300EVAL evaluation board:
1.
Press the space key to enter U-Boot autoboot
2.
Configure network parameters (statically or with DHCP, see relevant sections)
3.
Start the TFTP server on the host machine
4.
Place the desired image in the host PC TFTP root directory
(for example, /tftpboot/uImage_new.img)
5.
From the U-Boot console, download the image to RAM (here we use address 0x0) with
TFTP client:
> tftp 0x0 uImage_new.img
6.
Erase the specified kernel area on serial NOR:
> erase 0:5-31
Write the image on serial NOR (you need to know the image size). In this example we
copied 1663104 bytes (0x196080 in hexadecimal) to the start of the kernel area on
serial NOR (0xF8050000 in hexadecimal):
> cp.b 0x0 0xF8050000 0x196080
7.
Reboot the evaluation board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39