전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4655 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN4655
상세설명  Virtually increasing the number of serial communication peripherals in STM32 applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4655 데이터시트(HTML) 5 Page - STMicroelectronics

  AN4655 Datasheet HTML 1Page - STMicroelectronics AN4655 Datasheet HTML 2Page - STMicroelectronics AN4655 Datasheet HTML 3Page - STMicroelectronics AN4655 Datasheet HTML 4Page - STMicroelectronics AN4655 Datasheet HTML 5Page - STMicroelectronics AN4655 Datasheet HTML 6Page - STMicroelectronics AN4655 Datasheet HTML 7Page - STMicroelectronics AN4655 Datasheet HTML 8Page - STMicroelectronics AN4655 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID027483 Rev 1
5/21
AN4655
HW methods
20
1
HW methods
If addition of native HW peripherals is not acceptable (e.g. by adding external components
like a dedicated communication coprocessor unit), then the limited number of peripherals
can be compensated by the following basic methods:
1.
Use internal remapping option of dedicated peripheral instances, to change the inputs
and outputs available at different ports, thus establishing a temporary connection of the
microcontroller with a different channel (the user can find informations about alternate
function capability in the pin-out description of datasheets, for each product and its
implemented peripherals).
2.
Multiplexing communication channels into a single communication port while using
multiplexing logic.
3.
Using SWO feature.
The first two methods provide service on selected channel exclusively in dedicated time
slots, and can be used only when contemporary operation and permanent monitoring of
altered channels is not strictly required, as it happens, for example, in:
•
service channels;
•
occasional communication with remote devices;
•
monitoring of sensors with slow data value change;
•
channels used for periodical backup.
These methods are suitable for master communications when any slave activity is expected
upon master request, or when some communication with slave can be missed and can be
easily back re-synchronized when master reconnects back to the channel to be serviced
(listened and talked to). It could be used at slave side, too, when some additional control
signals are provided between slave and master to inform the slave that connection is
established (e.g. chip select or channel ready/busy signalizing when slave can/can’t operate
with the channel).
Anyway, user should take care about inactive state at GPIOs associated with a peripheral
instance bus signals when alternate function is remapped or multiplexed to another channel.
A proper setting ensures emulation of idle condition and prevents any stuck at channels not
currently selected or just not used for communication. This can be achieved with a correct
configuration of GPIO port registers, and partially by adding external components (pull
up/pull down resistors). Note that GPIO logic commonly overtakes control over the
associated pins when alternate functionality is removed (remapped) from the port and user
has to prevent any bus false state detection on such temporarily frozen channels.
For multiplexing, user can use specific control of I/O switches at dedicated groups of routing
interface if it is available for the product. User must ensure that a proper combination (pair)
of switches within a single group be closed in time to let the signal pass through the desired
path. User has to dedicate additional IOs for such switching, so they are lost for other
purposes, and there is additional PCB routing.
The principle is shown in Figure 1 and Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com