전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M4-128/64-7VC 데이터시트(PDF) 21 Page - Lattice Semiconductor

부품명 M4-128/64-7VC
상세설명  High Performance E 2 CMOS In-System Programmable Logic
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M4-128/64-7VC 데이터시트(HTML) 21 Page - Lattice Semiconductor

Back Button M4-128/64-7VC Datasheet HTML 17Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 18Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 19Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 20Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 21Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 22Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 23Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 24Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
MACH 4 Family
21
POWER MANAGEMENT
Each individual PAL block in MACH 4 devices features a programmable low-power mode, which
results in power savings of up to 50%. The signal speed paths in the low-power PAL block will
be slower than those in the non-low-power PAL block. This feature allows speed critical paths
to run at maximum frequency while the rest of the signal paths operate in the low-power mode.
PROGRAMMABLE SLEW RATE
Each MACH 4 device I/O has an individually programmable output slew rate control bit. Each
output can be individually configured for the higher speed transition (3 V/ns) or for the lower
noise transition (1 V/ns). For high-speed designs with long, unterminated traces, the slow-slew
rate will introduce fewer reflections, less noise, and keep ground bounce to a minimum. For
designs with short traces or well terminated lines, the fast slew rate can be used to achieve the
highest speed. The slew rate is adjusted independent of power.
POWER-UP RESET/SET
All flip-flops power up to a known state for predictable system initialization. If a macrocell is
configured to SET on a signal from the control generator, then that macrocell will be SET during
device power-up. If a macrocell is configured to RESET on a signal from the control generator
or is not configured for set/reset, then that macrocell will RESET on power-up. To guarantee
initialization values, the VCC rise must be monotonic, and the clock must be inactive until the
reset delay time has elapsed.
SECURITY BIT
A programmable security bit is provided on the MACH 4 devices as a deterrent to unauthorized
copying of the array configuration patterns. Once programmed, this bit defeats readback of the
programmed pattern by a device programmer, securing proprietary designs from competitors.
Programming and verification are also defeated by the security bit. The bit can only be reset by
erasing the entire device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com