전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M4-128/64-7VC 데이터시트(PDF) 35 Page - Lattice Semiconductor

부품명 M4-128/64-7VC
상세설명  High Performance E 2 CMOS In-System Programmable Logic
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M4-128/64-7VC 데이터시트(HTML) 35 Page - Lattice Semiconductor

Back Button M4-128/64-7VC Datasheet HTML 31Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 32Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 33Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 34Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 35Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 36Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 37Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 38Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 39Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
MACH 4 Family
35
ICC vs. FREQUENCY
These curves represent the typical power consumption for a particular device at system frequen-
cy. The selected “typical” pattern is a 16-bit up-down counter. This pattern fills the device and
exercises every macrocell. Maximum frequency shown uses internal feedback and a D-type reg-
ister. Power/Speed are optimized to obtain the highest counter frequency and the lowest power.
The highest frequency (LSBs) is placed in common PAL blocks, which are set to high power. The
lowest frequency signals (MSBs) are placed in a common PAL block and set to lowest power.
350
300
250
200
150
100
50
0
VCC = 5 V or 3.3 V, TA = 25º C
Frequency (MHz)
17466G-066
M4(LV)-32/32
M4(LV)-64/32
M4(LV)-96/48
M4(LV)-128/64
M4(LV)-192/96
M4(LV)-256/128
Figure 18. MACH 4 ICC Curves at High Speed Mode
350
300
250
200
150
100
50
0
VCC = 5 V or 3.3 V, TA = 25º C
M4(LV)-32/32
Frequency (MHz)
17466G-065
M4(LV)-64/32
M4(LV)-96/48
M4(LV)-128/64
M4(LV)-192/96
M4(LV)-256/128
Figure 19. MACH 4 ICC Curves at Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com