전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M4-128/64-7VC 데이터시트(PDF) 33 Page - Lattice Semiconductor

부품명 M4-128/64-7VC
상세설명  High Performance E 2 CMOS In-System Programmable Logic
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M4-128/64-7VC 데이터시트(HTML) 33 Page - Lattice Semiconductor

Back Button M4-128/64-7VC Datasheet HTML 29Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 30Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 31Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 32Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 33Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 34Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 35Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 36Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 37Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
MACH 4 Family
33
Input Latch Delays with ZHT Option:
tSILZ
Input latch setup time - ZHT
6.0
6.0
6.0
6.0
6.0
6.0
ns
tHILZ
Input latch hold time - ZHT
0.0
0.0
0.0
0.0
0.0
0.0
ns
tPDILZi Transparent input latch to internal feedback - ZHT
6.0
6.0
6.0
6.0
6.0
6.0
ns
Output Delays:
tBUF
Output buffer delay
2.0
2.0
2.0
2.0
2.0
2.0
ns
tSLW
Slow slew rate delay adder
2.5
2.5
2.5
2.5
2.5
2.5
ns
tEA
Output enable time
9.5
10.0
12.0
15.0
15.0
17.0
ns
tER
Output disable time
9.5
10.0
12.0
15.0
15.0
17.0
ns
Power Delay:
tPL
Power-down mode delay adder
2.5
2.5
2.5
2.5
2.5
2.5
ns
Reset and Preset Delays:
tSRi
Asynchronous reset or preset to internal register output
10.0
12.0
14.0
18.0
18.0
20.0
ns
tSR
Asynchronous reset or preset to register output
12.0
14.0
16.0
20.0
20.0
22.0
ns
tSRR
Asynchronous reset and preset register recovery time
8.0
8.0
10.0
15.0
15.0
17.0
ns
tSRW
Asynchronous reset or preset width
10.0
10.0
12.0
15.0
15.0
17.0
ns
Clock/LE Width:
tWLS
Global clock width low
3.0
5.0
6.0
6.0
6.0
7.0
ns
tWHS
Global clock width high
3.0
5.0
6.0
6.0
6.0
7.0
ns
tWLA
Product term clock width low
4.0
5.0
8.0
9.0
9.0
10.0
ns
tWHA
Product term clock width high
4.0
5.0
8.0
9.0
9.0
10.0
ns
tGWS
Global gate width low (for low transparent) or high
(for high transparent)
5.0
5.0
6.0
6.0
6.0
7.0
ns
tGWA
Product term gate width low (for low transparent) or
high (for high transparent)
4.0
5.0
6.0
9.0
9.0
11.0
ns
tWIRL
Input register clock width low
4.5
5.0
6.0
6.0
6.0
7.0
ns
tWIRH
Input register clock width high
4.5
5.0
6.0
6.0
6.0
7.0
ns
tWIL
Input latch gate width
5.0
5.0
6.0
6.0
6.0
7.0
ns
MACH 4 TIMING PARAMETERS OVER OPERATING RANGES1 (CONTINUED)
-7
-10
-12
-14
-15
-18
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com