전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4131C/D 데이터시트(PDF) 12 Page - Maxim Integrated Products

부품명 MAX4131C/D
상세설명  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D 데이터시트(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
12
______________________________________________________________________________________
Power Supplies and Layout
The MAX4130–MAX4134 operate from a single +2.7V
to +6.5V power supply, or from dual supplies of ±1.35V
to ±3.25V. For single-supply operation, bypass the
power supply with a 0.1µF ceramic capacitor in parallel
with at least 1µF. For dual supplies, bypass each sup-
ply to ground.
Good layout improves performance by decreasing the
amount of stray capacitance at the op amp’s inputs
and outputs. Decrease stray capacitance by placing
external components close to the op amp’s pins, mini-
mizing trace lengths and resistor leads.
SHDN
TIME (1
µs/div)
OUT
Figure 11. Shutdown Output Voltage
SHDN
1V/div
TIME (1
µs/div)
SUPPLY
CURRENT
500
µA/div
Figure 12. Shutdown Enable/Disable Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com