| 전자부품 데이터시트 검색엔진 |
|
MAX4131C/D 데이터시트(PDF) 16 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4131C/D 데이터시트(HTML) 16 Page - Maxim Integrated Products |
|
16 / 16 page ![]() Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps ___________________________________________Package Information (continued) DIM A A1 B C E e H L MIN 0.053 0.004 0.014 0.007 0.150 0.228 0.016 MAX 0.069 0.010 0.019 0.010 0.157 0.244 0.050 MIN 1.35 0.10 0.35 0.19 3.80 5.80 0.40 MAX 1.75 0.25 0.49 0.25 4.00 6.20 1.27 INCHES MILLIMETERS 21-0041A Narrow SO SMALL-OUTLINE PACKAGE (0.150 in.) DIM D D D MIN 0.189 0.337 0.386 MAX 0.197 0.344 0.394 MIN 4.80 8.55 9.80 MAX 5.00 8.75 10.00 INCHES MILLIMETERS PINS 8 14 16 1.27 0.050 L 0°-8° H E D e A A1 C 0.101mm 0.004in. B Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. 16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 © 1997 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products. |