전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4131C/D 데이터시트(PDF) 14 Page - Maxim Integrated Products

부품명 MAX4131C/D
상세설명  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D 데이터시트(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
14
______________________________________________________________________________________
__________________________________________________________Chip Topographies
___________________Chip Information
_Ordering Information (continued)
SHDN
VCC
0.055"
(1.397mm)
0.036"
(0.914mm)
OUT
VEE
IN-
iN+
VEE
TRANSISTOR COUNT: 170
SUBSTRATE CONNECTED TO VEE
OUT2
IN2-
IN2+
0.066"
(1.676mm)
0.053"
(1.346mm)
VCC SHDN1
SHDN2
VEE
VCC
OUT1
VCC
IN1-
IN1+
VEE
TRANSISTOR COUNT: 340
SUBSTRATE CONNECTED TO VEE
MAX4131
MAX4133
MAX4130 TRANSISTOR COUNT: 170
MAX4132 TRANSISTOR COUNT: 340
MAX4134 TRANSISTOR COUNT: 680
PART
MAX4132ESA
MAX4132EUA
MAX4133C/D
0°C to +70°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
8 SO
8 µMAX
Dice*
SOT
TOP MARK
—
—
—
MAX4133ESD
-40°C to +85°C
14 SO
—
*
Dice are specified at TA = +25°C, DC parameters only.
MAX4134ESD
-40°C to +85°C
14 SO
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com