전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4524C/D 데이터시트(PDF) 9 Page - Maxim Integrated Products

부품명 MAX4524C/D
상세설명  Low-Voltage, Single-Supply Multiplexer and Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4524C/D 데이터시트(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4524C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Low-Voltage, Single-Supply
Multiplexer and Switch
_______________________________________________________________________________________
9
50%
V+
0V
VCOM
VOUT
VADD
0V
80%
tBBM
V+
VOUT
VOUT
VADD
VADD
GND
V+
ADDB
ADDA
INH
NO0–N03
COM
V+
MAX4524
300
50
35pF
V+
GND
V+
ADD
INH
NO_, NC_
COM_
V+
MAX4525
300
35pF
50
REPEAT TEST FOR EACH SECTION.
tR < 20ns
tF < 20ns
Figure 3. Break-Before-Make Interval
0V
V+
VINH
∆ VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE-
TRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF.
∆ VOUT
REPEAT TEST FOR EACH SECTION.
Q =
∆ VOUT X CL
VOUT
V+
VOUT
VNO = 0V
VINH
GND
V+
ADDB
CHANNEL
SELECT
ADDA
INH
NO_
COM_
MAX4524
MAX4525
50
CL
1000pF
_________________________________Test Circuits/Timing Diagrams (continued)
Figure 4. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com