전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4524C/D 데이터시트(PDF) 4 Page - Maxim Integrated Products

부품명 MAX4524C/D
상세설명  Low-Voltage, Single-Supply Multiplexer and Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4524C/D 데이터시트(HTML) 4 Page - Maxim Integrated Products

  MAX4524C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Voltage, Single-Supply
Multiplexer and Switch
4
_______________________________________________________________________________________
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3:
∆RON = RON(MAX) - RON(MIN)
Note 4: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges; i.e., VNO = 3V to 0V and 0V to 3V.
Note 5: Leakage parameters are 100% tested at maximum-rated hot operating temperature, and guaranteed by correlation at
TA = +25°C.
Note 6: Guaranteed by design, not production tested.
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +2.7V to +3.6V, GND = 0V, VAH = 2.0V, VAL = 0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
VA = VINH = 2.0V
VA = VINH = 0.5V
CONDITIONS
+25°C
V
1.0
2.0
VIH
Logic Input Logic
Threshold High
C, E
µA
-1
1
IIH
Input Current Low
-2
2
µA
-1
1
IIH
Input Current High
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
V
0.5
1.0
VIL
Logic Input Logic
Threshold Low
C, E
C, E
TEMP.
C, E
170
300
+25°C
VNO_ = 1.5V, RL = 300Ω, CL = 35pF,
Figure 2
50
200
ns
400
t(ON)
Inhibit Turn-On Time
C, E
+25°C
VNO_ = 1.5V, RL = 300Ω, CL = 35pF,
Figure 2
130
300
ns
300
t(OFF)
Inhibit Turn-Off Time
C, E
+25°C
VNO_ = 1.5V/0V, RL = 300Ω, CL = 35pF,
Figure 1
ns
400
tTRANS
Address Transition Time
C, E
Figure 3, VNO_ = 1.5V, RL = 300Ω, CL = 35pF
ns
5
40
tBBM
Break-Before-Make Time
+25°C
-1
1
+25°C
V+ = 3.6V, VADD = VINH = V+ or 0V
µA
-10
10
I+
Power-Supply Current
C, E
C, E
-50
50
V+ = 3.6V; VCOM = 3V, 1V
C, E
nA
-25
25
ICOM(ON)
COM On-Leakage
(Note 6)
+25°C
-1
1
MAX4524
MAX4525
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS (Note 6)
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com