전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4524C/D 데이터시트(PDF) 11 Page - Maxim Integrated Products

부품명 MAX4524C/D
상세설명  Low-Voltage, Single-Supply Multiplexer and Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4524C/D 데이터시트(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4524C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Low-Voltage, Single-Supply
Multiplexer and Switch
______________________________________________________________________________________
11
__________________________________________________________Chip Topographies
TRANSISTOR COUNT: 219
SUBSTRATE CONNECTED TO V+
MAX4524
MAX4525
N.C.
COM
N.C.
NO0
ADDA
NO2
N.C.
V+
N.C.
0.069"
(1.75mm)
0.053"
(1.35mm)
N.C.
GND
N.C.
ADDB
N.C.
NO3
NO1
INH
N.C.
COMB
NOB
NCB
N.C.
N.C.
N.C.
V+
N.C.
0.069"
(1.75mm)
0.053"
(1.35mm)
N.C.
GND
N.C.
ADD
NOA
COMA
NCA
INH
N.C. = No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com