전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS3490 데이터시트(PDF) 13 Page - Gennum Corporation

부품명 GS3490
상세설명  Low power operation from a single
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3490 데이터시트(HTML) 13 Page - Gennum Corporation

Back Button GS3490 Datasheet HTML 9Page - Gennum Corporation GS3490 Datasheet HTML 10Page - Gennum Corporation GS3490 Datasheet HTML 11Page - Gennum Corporation GS3490 Datasheet HTML 12Page - Gennum Corporation GS3490 Datasheet HTML 13Page - Gennum Corporation GS3490 Datasheet HTML 14Page - Gennum Corporation GS3490 Datasheet HTML 15Page - Gennum Corporation GS3490 Datasheet HTML 16Page - Gennum Corporation GS3490 Datasheet HTML 17Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
13 of 22
Proprietary & Confidential
www.semtech.com
4. Detailed Description
The GS3490 is a half-duplex, bi-directional device that integrates the functions of both
a cable equalizer and a cable driver in one package, allowing for a single application
circuit to perform both functions through a single BNC connector. The GS3490 pin out
enables switching from one mode to another using a single logic control signal.
4.1 Equalizer Mode
4.1.1 Equalizer Mode Enable
To enable Equalizer Mode, both the EQ_DISABLE and CD_ENABLE pins must be set to
logic LOW. These two pins may be tied together and controlled from a single logic
signal.
4.1.2 Serial Digital Inputs (SDI/SDI)
Please refer to Section 5.1 for the correct way to implement the bi-directional serial
input/output. Other application circuits are not supported.
4.1.3 Automatic (Adaptive) Cable Equalization
The GS3490 automatically adjusts its gain to equalize and restore signals received over
different lengths of coaxial cable having loss characteristics similar to Belden 8281 or
1694A. The device is designed to automatically equalize SMPTE SDI signal rates from
125Mb/s up to 2.97Gb/s and DVB-ASI signals at 270Mb/s.
The equalized signal is DC-restored, effectively restoring the logic threshold of the
equalized signal to its correct level independent of shifts due to AC-coupling.
Adaptive Cable Equalization and DC Restoration can be disabled by pulling the
EQ_BYPASS pin HIGH.
Table 4-1: GS3490 Operating Modes
EQ_DISABLE
CD_ENABLE
Description
00
Equalizer Mode
0
1
Debug Mode*
1
0
Power-Down Mode
1
1
Cable Driver Mode
*Note: Data represented at the Cable Driver’s digital data input is passed through the device,
looped back through the Equalizer and appears on the Equalizer’s digital data output. The
data is looped through the device, provided the SDI/O BNC is terminated with a 75
Ω load that
is not driving a signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com