전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS3490 데이터시트(PDF) 3 Page - Gennum Corporation

부품명 GS3490
상세설명  Low power operation from a single
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3490 데이터시트(HTML) 3 Page - Gennum Corporation

  GS3490 Datasheet HTML 1Page - Gennum Corporation GS3490 Datasheet HTML 2Page - Gennum Corporation GS3490 Datasheet HTML 3Page - Gennum Corporation GS3490 Datasheet HTML 4Page - Gennum Corporation GS3490 Datasheet HTML 5Page - Gennum Corporation GS3490 Datasheet HTML 6Page - Gennum Corporation GS3490 Datasheet HTML 7Page - Gennum Corporation GS3490 Datasheet HTML 8Page - Gennum Corporation GS3490 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
3 of 22
Proprietary & Confidential
www.semtech.com
1. Pin Out
1.1 Pin Assignment
Figure 1-1: Pin Out
1.2 Pin Descriptions
5
6
7
8
16
15
14
13
1
2
3
4
12
11
10
9
17
GS3490
32-pin QFN
(top view)
Ground Pad
(bottom of package)
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
VEE
SDO
VEE
VEE
SDI
EQ_GAIN_SEL
VEE
DDO
VEE
VEE
DDI
VCC
DDO
SDO
DDI
SDI
Table 1-1: GS3490 Pin Descriptions
Pin Number
Name
Type
Description
1, 4, 5, 11, 20, 21, 24, 25
VEE
Power
Most negative power supply connection.
Connect to GND.
2, 3
SDO/SDO
Output
Serial data output.
6, 7
SDI/SDI
Input
Serial data input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com