전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS3490 데이터시트(PDF) 21 Page - Gennum Corporation

부품명 GS3490
상세설명  Low power operation from a single
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3490 데이터시트(HTML) 21 Page - Gennum Corporation

Back Button GS3490 Datasheet HTML 14Page - Gennum Corporation GS3490 Datasheet HTML 15Page - Gennum Corporation GS3490 Datasheet HTML 16Page - Gennum Corporation GS3490 Datasheet HTML 17Page - Gennum Corporation GS3490 Datasheet HTML 18Page - Gennum Corporation GS3490 Datasheet HTML 19Page - Gennum Corporation GS3490 Datasheet HTML 20Page - Gennum Corporation GS3490 Datasheet HTML 21Page - Gennum Corporation GS3490 Datasheet HTML 22Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
21 of 22
Proprietary & Confidential
www.semtech.com
6.4 Marking Diagram
Figure 6-3: Marking Diagram
6.5 Solder Reflow Profiles
Figure 6-4: Maximum Pb-free Solder Reflow Profile
6.6 Ordering Information
GS3490
XXXXE3
YYWW
Pin 1 ID
XXXX - Last 4 digits (excluding decimal)
of SAP Batch Assembly (FIN) as listed
on Packing Slip.
E3 - Pb-free & Green indicator
YYWW - Date Code
25°C
150°C
200°C
217°C
260°C
250°C
Time
Temperature
8 min. max
60-180 sec. max
60-150 sec.
20-40 sec.
3°C/sec max
6°C/sec max
Part
Part Number
Package
Temperature Range
GS3490
GS3490-INE3
32-pin QFN
-40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com