전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TH06 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 TH06
상세설명  I2C HUMIDITYAND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TH06 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TH06 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 14Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
11
3. Bill of Materials
Table 7. Typical Application Circuit BOM for Relative Humidity and Temperature Measurement
Reference
Description
Mfr Part Number
Manufacturer
R1
Resistor, 10 k
Ω, ±5%, 1/16 W, 0603
CR0603-16W-103JT
Venkel
R2
Resistor, 10 k
Ω, ±5%, 1/16 W, 0603
CR0603-16W-103JT
Venkel
C1
Capacitor, 0.1 µF, 16 V, X7R, 0603
C0603X7R160-104M
Venkel
U1
IC, Digital Temperature/humidity Sensor
TH06C
Hoperf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com