전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TH06 데이터시트(PDF) 12 Page - List of Unclassifed Manufacturers

부품명 TH06
상세설명  I2C HUMIDITYAND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TH06 데이터시트(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TH06 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 14Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
12
4. Functional Description
Vdd
TH06
Humidity
Sensor
Temp
Sensor
1.25V
Ref
ADC
Calibration
Memory
Control Logic
I2C Interface
SDA
SCL
GND
Figure 5. TH06 Block Diagram
The TH06 is a digital relative humidity and temperature sensor that integrates temperature and humidity sensor
elements, an analog-to-digital converter, signal processing, calibration, polynomial non-linearity correction, and an
I2C interface all in a single chip. The TH06 is individually factory-calibrated for both temperature and humidity,
with the calibration data stored in on-chip non-volatile memory. This ensures that the sensor is fully
interchangeable, with no recalibration or changes to software required. Patented use of industry-standard CMOS
and low-K dielectrics as a sensor enables the TH06 to achieve excellent long term stability and immunity to
contaminants with low drift and hysteresis. The TH06 offers a low power, high accuracy, calibrated and stable
solution ideal for a wide range of temperature, humidity, and dew-point applications including medical and
instrumentation, high reliability automotive and industrial systems, and cost-sensitive consumer electronics.
While the TH06 is largely a conventional mixed-signal CMOS integrated circuit, relative humidity sensors in
general and those based on capacitive sensing using polymeric dielectrics have unique application and use
requirements that are not common to conventional (non-sensor) ICs. Chief among those are:

The need to protect the sensor during board assembly, i.e., solder reflow, and the need to subsequently
rehydrate the sensor.

The need to protect the senor from damage or contamination during the product life-cycle.

The impact of prolonged exposure to extremes of temperature and/or humidity and their potential effect on
sensor accuracy.

The effects of humidity sensor “memory”.
Each of these items is discussed in more detail in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com