전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TH06 데이터시트(PDF) 19 Page - List of Unclassifed Manufacturers

부품명 TH06
상세설명  I2C HUMIDITYAND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TH06 데이터시트(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button TH06 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 17Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 18Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 19Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 20Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 21Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 22Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
19
%RH =
– 6
5.1.1. Measuring Relative Humidity
Once a relative humidity measurement has been made, the results of the measurement may be converted to
percent relative humidity by using the following expression:
Where:
125∗RH_Code
---------------------------------------
65536
%RH is the measured relative humidity value in %RH
RH_Code is the 16-bit word returned by the TH06
A humidity measurement will always return XXXXXX10 in the LSB field.
Due to normal variations in RH accuracy of the device as described in Table 4, it is possible for the measured value
of %RH to be slightly less than 0 when the actual RH level is close to or equal to 0. Similarly, the measured value
of %RH may be slightly greater than 100 when the actual RH level is close to or equal to 100. This is expected
behavior, and it is acceptable to limit the range of RH results to 0 to 100%RH in the host software by truncating
values that are slightly outside of this range.
5.1.2. Measuring Temperature
Each time a relative humidity measurement is made a temperature measurement is also made for the purposes of
temperature compensation of the relative humidity measurement. If the temperature value is required, it can be
read using command 0xE0; this avoids having to perform a second temperature measurement. The measure
temperature commands 0xE3 and 0xF3 will perform a temperature measurement and return the measurement
value, command 0xE0 does not perform a measurement but returns the temperature value measured during the
relative humidity measurement.
The checksum output is not available with the 0xE0 command.
Sequence to read temperature value from previous RH measurement
S
Slave
Address
W
A
0xE0
A
Sr
Slave
Address
R
A
MS Byte
A
LS Byte
NA
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com