전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ENA2221 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 ENA2221
상세설명  4:1 Micro USB Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2221 데이터시트(HTML) 5 Page - ON Semiconductor

  ENA2221 Datasheet HTML 1Page - ON Semiconductor ENA2221 Datasheet HTML 2Page - ON Semiconductor ENA2221 Datasheet HTML 3Page - ON Semiconductor ENA2221 Datasheet HTML 4Page - ON Semiconductor ENA2221 Datasheet HTML 5Page - ON Semiconductor ENA2221 Datasheet HTML 6Page - ON Semiconductor ENA2221 Datasheet HTML 7Page - ON Semiconductor ENA2221 Datasheet HTML 8Page - ON Semiconductor ENA2221 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LC824204-13YB
No.A2221-5/14
Electrical Characteristics at Ta
 25C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
■VDD Current Consumption
Sleep Mode Current
IDDS2
VBUS = open,
RESETB = 0 V → VDD,
I2C_SCL = I2C_SDA = VDD,
TEST = 0 V, Others_pin = open
-
50
60
μA
Active Mode Current
(Audio + VBUS MIC-mode)
IDD1
AUDIO-mode (288k)
VBUS = open, RESETB = VDD,
I2C_SCL = I2C_SDA = VDD,
TEST = 0 V, Others_pin = open
-
80
100
μA
Active Mode Current
(USB mode)
IDD2
USB-mode(open)
VBUS = 5.0 V, RESETB = VDD,
I2C_SCL = I2C_SDA = VDD,
TEST = 0 V, Others_pin = open
-
80
100
μA
■AUDIO-SW
Signal Range
VIN_LR
1.4
-
1.4
V
AUDIO_SW ON Resistance
RLR
HPR/HPL = -10 mA,
DP/DM = -1.3 V,
Calculated by R = V / 0.01
-
6.5
12
Pull Down Resistance
RHPLR
30
50
70
kΩ
■USB-SW
Signal Range
VIN_USB
0
-
3.6
V
USB_SW ON Resistance
RONUSB
DP/DM = 0 V,
DP_HOST/DM_HOST
SINK = 10 mA,
Calculated by R = V / 0.01
3.2
5
■MIC-SW (DP Input)
Signal Range
VIN_MIC1
Vbias < 2.0 V,
VSW_MICDP = 1.0 Vpp
0
-
2.5
V
MIC_SW ON Resistance
RMIC1
DP = 0.1 V, MIC = -10 mA,
Calculated by R = V / 0.01
-
7.5
15
Pull Down Resistance
RPUMIC1
1.2
2.2
3.2
kΩ
■MIC-SW (VBUS Input)
Signal Range
VIN_MIC2
Vbias < 2.0 V,
VSW_MICB = 1.0 Vpp
0
-
2.5
V
MIC_SW ON Resistance
RMIC2
VBUS = 0.1 V, MIC = -10 mA,
Calculated by R = V / 0.01
-
7.5
15
Pull Down Resistance
RPUMIC2
1.2
2.2
3.2
kΩ
■StereoMIC-SW (include DP_MIC)
Signal Range
VIN_MIC3
Vbias < 2.0 V,
VSW_SMIC = 1.0 Vpp
0
-
2.5
V
MIC_SW ON Resistance
RMIC3
DP/DM = 0.1 V,
MIC_R/MIC_L = -10 mA,
Calculated by R = V / 0.01
-
7.5
15
Pull Down Resistance
RPUMIC3
1.2
2.2
3.2
kΩ
■VIDEO-SW
Signal Range
VIN_V
VSW_VIDEO = 1.0 Vpp
1.4
-
1.4
V
VIDEO_SW ON Resistance
RV
Video = -1.4 V, ID = -10 mA,
Calculated by R = V / 0.01
-
4
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com