전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ENA2221 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 ENA2221
상세설명  4:1 Micro USB Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2221 데이터시트(HTML) 3 Page - ON Semiconductor

  ENA2221 Datasheet HTML 1Page - ON Semiconductor ENA2221 Datasheet HTML 2Page - ON Semiconductor ENA2221 Datasheet HTML 3Page - ON Semiconductor ENA2221 Datasheet HTML 4Page - ON Semiconductor ENA2221 Datasheet HTML 5Page - ON Semiconductor ENA2221 Datasheet HTML 6Page - ON Semiconductor ENA2221 Datasheet HTML 7Page - ON Semiconductor ENA2221 Datasheet HTML 8Page - ON Semiconductor ENA2221 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LC824204-13YB
No.A2221-3/14
Pin Assignment
Pin Description
Ball No.
Name
Direction
Description
1A
VDD
P
Power Supply for SW-IC
4A,5A
VBUS
P/I
Power Supply for USB and Battery, MIC input
5E
GND
P
Ground
2A,3A
VBUSOUT
O
Output from VBUS
5D
ID
I/O
ID input, Video output
2D
CHG_DETB
O
Charger Detection output
*
5C
DP
I/O
USB bath/Audio output, MIC/MIC_R input, UART output
*
5B
DM
I/O
USB bath/Audio output, MIC_L input, UART input
4B
DM_HOST
I/O
USB differential data I/O minus
4C
DP_HOST
I/O
USB differential data I/O plus
3C
HPR
I
Audio Right input (Video Audio Right input)
3B
HPL
I
Audio Left input (Video Audio Left input)
1E
RXD
O
UART receive data output
*
2E
TXD
I
UART transmission data input
3D
MIC
O
MIC output
4D
VIDEO
I
Video input
2C
MIC_R
(V_HPR)
I/O
Stereo MIC R output (Video Audio Right input )
2B
MIC_L
(V_HPL)
I/O
Stereo MIC L output (Video Audio Left input )
1C
I2C_SCL
I
I
2C Serial Clock signal
1B
I2C_SDA
I/O
I
2C Serial Data signal*
1D
INTB
O
Interrupt signal
*
4E
RESETB
I
Hard Reset input (Low active)
3E
TEST
I
Test pin
Notice) If Video function is not needed, please use the port of Video as NC pins.
Top Through View
A
VDD
VBUSOUT VBUSOUT
VBUS
VBUS
B I2C_SDA
MIC_L
(V_HPL)
HPL
DM_HOST
DM
C I2C_SCL
MIC_R
(V_HPR)
HPR
DP_HOST
DP
D
INTB
CHG
_DETB
MIC
VIDEO
ID
E
RXD
TXD
TEST
RESETB
GND
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com