전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ENA2221 데이터시트(PDF) 13 Page - ON Semiconductor

부품명 ENA2221
상세설명  4:1 Micro USB Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2221 데이터시트(HTML) 13 Page - ON Semiconductor

Back Button ENA2221 Datasheet HTML 6Page - ON Semiconductor ENA2221 Datasheet HTML 7Page - ON Semiconductor ENA2221 Datasheet HTML 8Page - ON Semiconductor ENA2221 Datasheet HTML 9Page - ON Semiconductor ENA2221 Datasheet HTML 10Page - ON Semiconductor ENA2221 Datasheet HTML 11Page - ON Semiconductor ENA2221 Datasheet HTML 12Page - ON Semiconductor ENA2221 Datasheet HTML 13Page - ON Semiconductor ENA2221 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LC824204-13YB
No.A2221-13/14
I2C_SCL
I2C_SDA
INTB
TXD
RXD
V_HPR
(MIC_R)
V_HPL
(MIC_L)
RESETB
VBUSOUT
DM_HOST
VIDEO
VBUS
HPL
DP_HOST
HPR
DP
DM
ID
GND
VDD
LC824204-13YB
1uF
Battery
Charger-IC
Battery
B/B
USB-
PHY
GND
Micro-USB
connector
UART
0.1uF
1uF
1uF
VBUS
DP
DM
ID
GND
+
-
VDDIO
0.1uF
1kΩ~
10kΩ
1kΩ~
10kΩ
1kΩ~
10kΩ
MIC
Audio&
Video
codec
CHG_DETB
TEST
LDO
Voltage
Supervisor
Application Circuit Example
Caution:
(1) Connect a capacitor higher than 1 μF to VBUSOUT
(2) Pull Up supply for CHG_DETB (open drain) should be the same VDD as the LSI. Since Pch
protector diode is connected to CHG_DETB, when VDD is OFF, latch up may occur when the signal
level turns high by the pull up.
(3) Make sure to connect capacitor (C cut) to VIDEO pin.
(4) TEST should be either GND or Open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com