전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM1350 데이터시트(PDF) 5 Page - Nippon Precision Circuits Inc

부품명 SM1350
상세설명  High Tone Quality Melody LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350 데이터시트(HTML) 5 Page - Nippon Precision Circuits Inc

  SM1350 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SM1350 series
NIPPON PRECISION CIRCUITS—5
DC Characteristics
VDD = 3 V, Ta = 25 °C, VSS = 0 V, fO = 4.0 MHz
1.Supply voltage ratings shown are with oscillator running and all functions operating normally.
2.Clock frequency and duty cycle are ratings for the clock input on pin XT.
3.Output current when 20 k
Ω volume control resistor is connected to VOL, and all D/A converter bits ON, measured using the circuit of the next page.
VDD = 5 V, Ta = 25 °C, VSS = 0 V, fO = 4.0 MHz
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Minimum operating supply voltage1
VMIN
2.4
V
Maximum operating supply voltage1
VMAX
5.5
V
Standby current consumption
ISTBY
No melody output
1.0
µA
Operating current consumption
IDD
BUSYN, CT, TO, SP, SPN,
MSB, MSBN all open
3.5
mA
XT external capacitance
CG
–30–
pF
XTN external capacitance
CD
–30–
pF
Clock frequency2
fXTI
3.8
4.0
4.2
MHz
Clock duty cycle2
RXTI
40
50
60
%
S0 to S3, MODE, LH, STOP, STN, ICN
HIGH-level input voltage
VIH
VDD − 0.3
VDD
V
S0 to S3, MODE, LH, STOP, STN, ICN
LOW-level input voltage
VIL
VSS
–VSS + 0.3
V
S0 to S3, MODE, LH, STOP, STN, ICN
HIGH-level input current
IIH
VIH = VDD
–10
20
µA
S0 to S3, MODE, LH, STOP, STN, ICN
LOW-level input current
IIL
VIL = VSS
–10
20
µA
BUSYN, CT, TO HIGH-level output
current
IOH1
VOH1 = VDD − 0.7
2.0
mA
BUSYN, CT,TO LOW-level output current
IOL1
VOL1 = VSS + 0.7
2.0
mA
MSB, MSBN HIGH-level output current
IOH2
VOH2 = VDD − 0.7
3.0
mA
MSB, MSBN LOW-level output current
IOL2
VOL2 = VSS + 0.7
3.0
mA
SP, SPN output current3
IOH3
VOH3 = VSS + 0.7
4.0
mA
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Minimum operating supply voltage1
VMIN
2.4
V
Maximum operating supply voltage1
VMAX
5.5
V
Standby current consumption
ISTBY
No melody output
1.0
µA
Operating current consumption
IDD
BUSYN, CT, TO, SP, SPN,
MSB, MSBN all open
9.5
mA
XT external capacitance
CG
–30–
pF
XTN external capacitance
CD
–30–
pF
Clock frequency2
fXTI
3.8
4.0
4.2
MHz
Clock duty cycle2
RXTI
40
50
60
%
S0 to S3, MODE, LH, STOP, STN, ICN
HIGH-level input voltage
VIH
VDD − 0.3
VDD
V
S0 to S3, MODE, LH, STOP, STN, ICN
LOW-level input voltage
VIL
VSS
–VSS + 0.3
V
S0 to S3, MODE, LH, STOP, STN, ICN
HIGH-level input current
IIH
VIH = VDD
–30
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com