전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM1350 데이터시트(PDF) 7 Page - Nippon Precision Circuits Inc

부품명 SM1350
상세설명  High Tone Quality Melody LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350 데이터시트(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM1350 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SM1350 series
NIPPON PRECISION CIRCUITS—7
FUNCTIONAL DESCRIPTION
Chattering Prevention
STN, STOP chattering prevention function
Standby Mode
The oscillator starts when STN goes from HIGH to
LOW in standby mode. Input data is received and
melody data output starts 81.9 ms after the oscillator
starts if STN is LOW.
Oscillator starts running
After the oscillator starts running, input data is
considered valid 81.9 ms after STN and STOP have
last changed state. Input data is considered invalid
for intervals less than 65.5 ms.
Note: Refer to the "TIMING DIAGRAMS" section to confirm melody timing specifics.
Figure 1. STN, STOP chattering prevention timing (standby mode)
STN
OSC
Input
Reception
81.9ms
81.9ms
Melody
Output
Internal
Clock
Note: Refer to the "TIMING DIAGRAMS" section to confirm melody timing specifics.
Figure 2. STN, STOP chattering prevention timing ( oscillator running)
81.9ms
65.5ms
STN or
STOP
Input
Reception
Internal
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com